PART |
Description |
Maker |
HA9P5020-5X96 |
100MHz Current Feedback Video Amplifier With Disable; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R
|
INTERSIL CORP
|
ELH0021CK |
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller; Temperature Range: 0°C to 70°C; Package: 16-QFN T&R
|
|
HIP600605 HIP6006CB-T HIP6006CBZ HIP6006CBZ-T HIP6 |
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller; Temperature Range: 0°C to 70°C; Package: 14-TSSOP T&R
|
INTERSIL[Intersil Corporation]
|
X9258TZ24I-2.7T1 |
Low Noise, Low Power, 2-Wire Bus, 256 Taps Quad Digital Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 24-TSSOP T&R
|
INTERSIL CORP
|
LT1800CS5TRMPBF |
80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C OP-AMP, 5000 uV OFFSET-MAX, 70 MHz BAND WIDTH, PDSO5
|
Linear Technology, Corp.
|
EDI8F3265C20MZC EDI8F3265C20MMC |
High Speed, Dual Channel Power MOSFET Drivers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R X32号的SRAM模块
|
TE Connectivity, Ltd.
|
EDI8F82048C85BSC |
40MHz Non-Inverting Quad CMOS Driver; Temperature Range: -40°C to 85°C; Package: 16-SOIC T&R x8的SRAM模块
|
KEMET Corporation
|
ISL6294IBZ ISL6294IBZ-T ISL6294 ISL629407 |
High Input Voltage Charger; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R
|
Intersil Corporation
|
ISL29006IROZ-EVALZ ISL29007IROZ-EVALZ ISL29008IROZ |
Small, Low Power, Current-Output Ambient Light Photo Detect IC; Temperature Range: -40°C to 85°C; Package: 6-ODFN T&R SPECIALTY ANALOG CIRCUIT, PDSO6
|
Intersil, Corp. Intersil Corporation
|
EDL1300TX050TTL |
Programmable VCOM; Temperature Range: -40°C to 85°C; Package: 24-QFN T&R 光纤变送器
|
TT electronics Semelab, Ltd.
|
EDI8F32256C EDI8F32256C-MN EDI8G32256C-MM |
256Kx32 Static RAM CMOS, High Speed Module(256Kx32高速CMOS静态RAM模块) SRAM Modules TFT-LCD DC/DC with Integrated Amplifiers; Temperature Range: -40°C to 85°C; Package: 32-QFN T&R SRAM模块
|
White Electronic Designs Corporation 3M Company
|
X9460KV14I X9460KV14I-2.7 X9460KV14IZ X9460KV14IZ- |
Dual Audio Control Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 14-TSSOP T&R DUAL 33K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 32 POSITIONS, PDSO14
|
Intersil, Corp. INTERSIL[Intersil Corporation] http://
|